Part Number Hot Search : 
2JA01 FL390 M41T56 AD7703CN MMBT222 LM386 LT511 25SC33M
Product Description
Full Text Search
 

To Download SF2030A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? preliminary rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 1 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 notes: 1. unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demo nstration board with impedance matching to 50 w and measured with 50 w network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is depende nt on pcb layout and external impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may va ry between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 7. us and international patents may apply. 8. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. 9. ?copyright 1999, rf monolithics inc. 10. electrostatic sensitive device. observe precautions for handling. electrical characteristics characteristic sym notes min typ max units nominal frequency f n 243.95 mhz nominal insertion attenuation 5 db pass band width at 3 db (relative to fn) b 3db khz point of left side -150 point of right side +150 amplitude ripple (peak-valley) fn - 110 khz ---- fn + 110khz 0.6 1.0 db group delay ripple fn - 110 khz ---- fn + 110khz 0.5 sec relative attenuation (relative to fn) fn - 21.6 mhz 60 db fn - 21.4 mhz 60 db fn - 10.8 mhz 55 db fn - 1.2 mhz 30 db fn - 0.7 mhz 30 db fn - 0.6 mhz 30 db fn - 0.5 mhz 15 db fn + 0.5 mhz 15 db fn + 0.6 mhz 30 db fn + 0.7 mhz 30 db fn + 1.2 mhz 30 db fn + 10.8 mhz 55 db lid symbolization (yy=year, ww=week, s=shift) see note 4 rfm SF2030A yywws sm1154-14 ? designed for phs bts if applications ? excellent size-to performance ratio ? hermetic 11.5 x 4.0 mm surface-mount case ? complies with directive 2002/95/ec (rohs) maximum ratings rating value units operating temperature range -15 to +80 c storage temperature range -40 to +85 c maximum dc voltage 30 v maximum source power +15 dbm maximum soldering profile 260c for 30sec 243.95 mhz saw filter SF2030A pb free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 2 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 ch1 s11 1 u fs centr 243 . 950 mhz span 10 . 000 mhz cor ch2 s21 log 10 db/ ref -10 db center 243 . 950 000 mhz span 10 . 000 000 mhz cor ch3 s22 1 u fs centr 243 . 950 mhz span 10 . 000 mhz cor 23 oct 2007 10:46:35 1 1 : 62 . 482 9 . 6777 6 . 3138 nh 243 . 950 000 mhz 1 2 3 4 1 : 0 . 0000 db 0 . 000 000 mhz max ref=1 ch2 markers bw : . 483040 mhz cent : 243 . 955294 mhz q : 505 . 04 1_ loss : -3 . 7998 db 1 1 : 47 . 762 1 . 4551 949 . 30 ph 243 . 950 000 mhz SF2030A full full free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 3 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 ch1 s21 log 5 db/ ref -10 db cor prm ch2 s21 del 50 ns/ ref 1.8 us start 242 . 950 000 mhz stop 244 . 950 000 mhz cor smo prm 15 dec 2004 10:01:44 1 1 : -7 . 7068 db 243 . 950 000 mhz 1 2 3 1 : 0 . 0000 s 0 . 000 000 mhz ref=1 ch2 markers 2 : 10 . 872 ns -144 . 000 khz 3 : 45 . 700 ns 144 . 000 khz 3 p1 p2 SF2030A c1 3.1pf c2 2.7pf r2 240 r1 240 l1 43nh l2 51nh 0 0 0 0 SF2030A demo schematic free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 4 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 ch1 s21 log 10 db/ ref 0 db center 243 . 950 000 mhz span 20 . 000 000 mhz cor prm 15 dec 2004 10:04:38 free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 5 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 14-terminal ceramic surface-mount case 11.5 x 4.0 mm nominal footprint recommended pcb footprint case dimensions dimension mm inches min nom max min nom max a 11.4 11.5 11.6 .442 0.450 0.458 b 3.8 4.0 4.2 .150 0.157 .166 c 1.4 1.6 1.8 .057 0.063 .069 d 1.3 1.5 1.7 .053 0.059 .065 e 0.76 0.030 f 1.27 0.050 g 1.27 0.050 h 0.1 0.004 materials solder pad termination au plating 30 - 60 inches (76.2-152 m) over 80- 200 inches (203-508 m) ni. lid fe-ni-co alloy electroless nickel plate (8-11% phosphorus) 100-200 inches thick body al 2 o 3 ceramic pb free electrical connections connection terminals input 2 output 9 ground all others 1 2 3 4 5 6 7 14 13 12 11 10 9 8 b a c d 14 13 12 11 10 9 8 h e f g 1 2 3 4 5 6 7 0.034 typ. (0.86) 0.050 (1.27) typ. 0.067 typ. (1.70) 0.190 (4.84) 0.334 ref. (8.48) sm1154-14 case free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 6 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 componentorientationanddimensions carrier tape dimensions ao 4.55 mm 0.1 bo 12.04 mm 0.1 ko 2.13 mm 0.1 pitch 8.00 mm 0.1 w 24.00 mm 0.3 w (carrier tape size) a o b o p (pitch) cover tape size k o cover tape 1.5 mm +0.1 -0.0 4.0 mm 0.1 2.0 mm 0.1 1.75 mm 0.1 1.5 mm +0.3 -0.0 pin #1 user direction of feed free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 leader and trailer specifications (based upon eia-481) 7 inch reel quantity 500 symbol a n c d b w 1 w 2 dimension 178 +0 -4 60 1 13 +0.5 -0.2 20.2 +1.5 -0 2 0.5 24.4 +2 -0 30.4 max 13 inch reel quantity 2000 symbol a n c d b w 1 w 2 dimension 330 +0 -4 100 2 13 +0.5 -0.2 20.2 +1.5 -0 2 0.5 24.4 +2 -0 30.4 max dimensions of the leader and trailer dimensional drawing of the reel free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 8 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 additional items (1) cover tape peeling strength the cover tape shall be adhered evenly to the carrier tape along both sides in the pulling direction. the cover tape peeling strength shall be as follows for an angle between the cover tape and the pulling direction of 165 to 180 (see the figure) and a peeling speed of 300mm/min. 10mm/min. [eia-481] 0.1n to 1.3n for a tape width of 12 to 56mm tape material (1) carrier tape [anti-charging treatment: carbon used] surface resistivity: 1 x 10 8 or less material: polystyrene or polycarbonate (2) cover tape material: polyester (anti-charging treated) surface resistivity: 1 x 10 12 or less t = 50 to 100m warranty periods cover tape peeling strength and mounting performance of stored components. 2-1. cover tape peeling strength: one year after delivery (peeling strength: 0.1n to 1.3n) number of missing components there shall not be two or more consecutive missing components. also, the maximum number of missing components shall be the larger of one piece or 0.1%. storage environment keep the product on which taping has been performed to a temperature below 40c and a humidity within 80% rh. do not subject in the direct sun. fixing method 1. insert the tip of the carrier tape into the groove. 2. fix the tip of the cover tape with adhesive tape. free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 9 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 10 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 7 inch reel quanity per reel number reels per carton external caton dimensions reel weight shipping carton weight total weight 500 4 254 x 254 x 127 mm 10 x 10 x 5 inches 896 g 448 g 1344 g 500 10 254 x 254 x 203 mm 10 x 10 x 8 inches 2240 g 448 g 2688 g 13 inch reel quanity per reel number reels per carton external caton dimensions reel weight shipping carton weight total weight 2000 2 356 x 356 x 102 mm 14 x 14 x 4 inches 1288 g 448 g 1736 g 2000 4 356 x 356 x 178 mm 14 x 14 x 7 inches 2576 g 448 g 3024 g 2000 8 356 x 356 x 356 mm 14 x 14 x 14 inches 5152 g 448 g 5600 g package for shipment free datasheet http://www.datasheetlist.com/
243.95 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 11 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2030A- 10/25/07 rfm qualification and reliability test test standard test parameters pass / failcriteria 1 life at elevated temperature mil-std-202 method 108 condition c 1,000 hours 125c unbiased within electrical & hermetic spec. (note 1) 2 temperature cycling jesd22 method ja-104 air-to-air -55 cto +125 c 20 min. dwell 1,000 cycles 3 vibration, variable frequency mil-std-883 method 2007 condition b 50g max. 4 cycles, 3 axis 20 hz to 2 khz to 20 hz 4 mechanical shock mil-std-883 method 2002 condition b 1,500g max. 5 shocks 3 axis 5 destructive bond strength mil-std-883 method 2011 condition c wire bond pull strength 2.0 grams (after seal) 6 die shear strength mil-std-883 method 2019 shear strength 0.6 kg (strength/area limit in development) 7 solderability (note 2) j-std-002 method b 8 hr. steam age 245 c solder temperature 5 second dwell >95% wetted surface 8 physical dimensions jesd22 method jb-100 critical dimensions within specifications 9 temperature characteristics rfm procedure frequency over temperature within specifications 10 terminal strength (note 2) mil-std-833 method 2004 condition a & d cond. a-lead tension cond. b -pad adhesionr 24 8 oz. - 30 sec. visual requirements & meets hermetic spec. 11 resistance to solvents mil-std-883 method 2015 solvents a, b, d visual requirements 12 steady state life mil-std-883 method 1005 1,000 hours max. operating temperature rated voltage within electrical & hermetic spec. (note 1) 13 internal water- vapor content mil-std-883 method 1018 < 5,001 ppm 14 constant acceleration mil-std-883 method 2001 y1 direction 30,000g within electrical & hermetic spec. (note 1) 15 substrate attach strength mil-std-883 method 2027 tensile strength of die attachment custom per device free datasheet http://www.datasheetlist.com/


▲Up To Search▲   

 
Price & Availability of SF2030A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X